Part Number Hot Search : 
LTC1863 30102 4502B TD62009F LTC1863 MAX6710 ICX074AL LTC1863
Product Description
Full Text Search
 

To Download MKP1848S71050JY6F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mkp1848s dc-link www.vishay.com vishay roederstein revision: 19-mar-13 1 document number: 26010 for technical questions, contact: dc-film@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 metallized polypropylene film capacitors dc-link capacitor features ? slim line, low building height ? very long useful life time: up to 100 000 h at u ndc and 70 c ? high ripple current capab ility, low esr, low esl ? temperature range: 105 c ? mounting: radial ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 applications ? pv micro inverters ? led street lighting ? on board chargers (ev/ hev), battery chargers notes ? for more detailed data and test requirements, contact dc-film@vishay.com ? for general information like characteristics and definitions used for film capacitors follow the link: www.vishay.com/doc?28147 (1) see document voltage proof test for metalized capacitors ( www.vishay.com/doc?28169 ) quick reference data rated capacitance range 2 f to 100 f capacitance tolerance 5 % rated voltage range, u ndc 500 v to 1000 v climatic testing class 40/105/56 rated temperature 85 c maximum permissible case temperature 105 c, obse rving voltage derating maximum applicable peak to peak ripple voltage 0.2 x u ndc reference standards iec 61071, iec 60068 dielectric polypropylene film electrodes metallized dielectric capacitor construction mono construction encapsulation plastic case sealed with resin; flame retardant terminals tinned wire self inductance (l s ) < 1 nh per mm of lead spacing withstanding dc voltage between terminals (1) 1.5 u ndc for 10 s, cut off current 10 ma, rise time ? 1000 v/s insulation resistance rc between leads, after 1 min > 10 000 s for u ndc ? 500 v measuring voltage 100 v for u ndc > 500 v measuring voltage 500 v life time expectancy useful life time: > 100 000 h at u ndc and 70 c fit: < 10 x 10 -9 /h (10 per 10 9 component h) at 0.5 x u ndc , 40 c marking c-value; tolerance; rated voltage; code for dielectric material; code for manufacturing origin; manufacturers ty pe designation; manufacturers logo; year and week of manufacture dc voltage ratings u ndc at 85 c 500 v 700 v 1000 v u opdc at 70 c 600 v 800 v 1200 v u opdc at 105 c 350 v 500 v 750 v
mkp1848s dc-link www.vishay.com vishay roederstein revision: 19-mar-13 2 document number: 26010 for technical questions, contact: dc-film@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 composition of catalog number notes (1) tabs terminals or customized terminals are available on request (2) product height on request multiplier (nf) capacitance (numerically) p1 (mm) 27.5 example: 510 1000 nf 10 000 nf 100 000 nf 1 f 10 f 100 f 610 710 u n = 50 = 500 v dc j 5 % 2 2 pin s 4 4 pin s p2 = 10.2 mm 5 4 pin s p2 = 20.3 mm 6 6 pin s p2 = 20.3 mm (1) cu s tomized voltage type con s truction metallized polypropylene tolerance s pecial code for terminal product height code u n = 70 = 700 v dc 10 % k u n = 10 = 1000 v dc k 37.5 p 52.5 a (2) d (2) e (2) f b c h = 12 mm h = 15 mm h = 18 mm h = 20 mm h = 22 mm h = 24 mm y pitch code mkp 1848 s 61070j p 4 b 10 4 100 5 1000 6 10 000 7
mkp1848s dc-link www.vishay.com vishay roederstein revision: 19-mar-13 3 document number: 26010 for technical questions, contact: dc-film@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 dimensions in millimeters notes ? standard dimension ? ? dt 10 % of standard diameter specified h ? dt lt w l p1 p1 0.5 mm it = 6 mm + 0 mm/- 1 mm p1 h ? dt lt w l p1 p2 p1 and p2 0.5 mm it = 6 mm + 0 mm/- 2 mm p1 p2 h ? dt lt w l p1 2 x p2 p2 p1 and p2 0.5 mm it = 6 mm + 0 mm/- 2 mm p1 p2 p2
mkp1848s dc-link www.vishay.com vishay roederstein revision: 19-mar-13 4 document number: 26010 for technical questions, contact: dc-film@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 electrical data and ordering code u ndc (v) hei g ht (mm) cap. (7) (f) dimension (5) (mm) p1 (mm) p2 (mm) dv/dt (v/s) i peak (a) i rms (2) (a) esr (3) (m ? ) tan ? 10 khz (< 10 -4 ) (4) orderin g code (1) wh l 2 pins 4 pins 2 pins 4 pins 2 pins 4 pins 500 12 5 24.0 12.0 31.5 27.5 - 30 150 4 - 13 - 60 - mkp1848s55050jk2a 15 7 27.0 15.0 31.5 27.5 - 30 210 5 - 10 - 60 - mkp1848s57050jk2b 10 27.0 15.0 42.0 37.5 10.2 15 150 5 5 10 7.5 125 110 mkp1848s61050jp*b 15 33.0 15.0 42.0 37.5 10.2 15 225 6.5 7 7 5 125 110 mkp1848s61550jp*b 20 33.0 15.0 57.5 52.5 20.3 7 140 6 6.5 9.5 8 250 220 mkp1848s62050jy*b 30 45.0 15.0 57.5 52.5 20.3 7 210 8.5 9 6.5 5.5 250 220 mkp1848s63050jy*b 50 (6) 62.0 15.0 57.5 52.5 20.3 7 350 - 13.5 - 3.5 - 220 mkp1848s65050jy6b 18 10 24.0 18.0 42.0 37.5 10.2 15 150 5 5.5 10 7.5 125 110 mkp1848s61050jp*c 15 27.0 18.0 42.0 37.5 10.2 15 225 6.5 7 6.5 5 125 110 mkp1848s61550jp*c 20 39.0 18.0 42.0 37.5 10.2 15 300 8.5 9 5 4 125 110 mkp1848s62050jp*c 30 35.0 18.0 57.5 52.5 20.3 7 210 8 8.5 6.5 5.5 250 220 mkp1848s63050jy*c 50 50.0 18.0 57.5 52.5 20.3 7 350 - 12.5 - 3.5 250 220 mkp1848s65050jy5c 24 20 30.0 24.0 42.0 37.5 10.2 15 300 8.5 9 5 4 125 110 mkp1848s62050jp*f 30 39.0 24.0 42.0 37.5 10.2 15 450 11 12 3.5 2.5 125 110 mkp1848s63050jp*f 50 39.0 24.0 57.5 52.5 20.3 7 350 11.5 12.5 4 3.5 250 220 mkp1848s65050jy*f 100 (6) 70.0 24.0 57.5 52.5 20.3 7 700 - 22 - 2 - 220 MKP1848S71050JY6F 700 12 3 24.0 12.0 31.5 27.5 - 35 105 3.5 - 14 - 45 - mkp1848s53070jk2a 15 5 27.0 15.0 31.5 27.5 - 35 175 5 - 8 - 45 - mkp1848s55070jk2b 7 27.0 15.0 42.0 37.5 10.2 17 119 5 5 15 11.5 110 95 mkp1848s57070jp*b 10 33.0 15.0 42.0 37.5 10.2 17 170 6 6.5 11 8 110 95 mkp1848s61070jp*b 15 33.0 15.0 57.5 52.5 20.3 8 120 6 6.5 12 10 220 200 mkp1848s61570jy*b 20 45.0 15.0 57.5 52.5 20.3 8 160 8 8.5 9 7.5 220 200 mkp1848s62070jy*b 30 (6) 62.0 15.0 57.5 52.5 20.3 8 240 - 12 - 5 - 200 mkp1848s63070jy6b 18 7 24.0 18.0 42.0 37.5 10.2 17 119 5 5 15 11.5 110 95 mkp1848s57070jp*c 10 27.0 18.0 42.0 37.5 10.2 17 170 6 6.5 11 8 110 95 mkp1848s61070jp*c 15 39.0 18.0 42.0 37.5 10.2 17 255 8.5 9 7 5.5 110 95 mkp1848s61570jp*c 20 35.0 18.0 57.5 52.5 20.3 8 160 7.5 8 9 7.5 220 200 mkp1848s62070jy*c 30 50.0 18.0 57.5 52.5 20.3 8 240 - 11.5 - 5 - 200 mkp1848s63070jy5c 24 15 30.0 24.0 42.0 37.5 10.2 17 255 8.5 9 7 5.5 110 95 mkp1848s61570jp*f 20 39.0 24.0 42.0 37.5 10.2 17 340 10.5 11.5 6 4 110 95 mkp1848s62070jp*f 30 39.0 24.0 57.5 52.5 20.3 8 240 10.5 11 6 5 220 200 mkp1848s63070jy*f 50 (6) 70.0 24.0 57.5 52.5 20.3 8 400 - 18 - 3 - 200 mkp1848s65070jy6f
mkp1848s dc-link www.vishay.com vishay roederstein revision: 19-mar-13 5 document number: 26010 for technical questions, contact: dc-film@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes (1) change the * symbol with special code for the terminals (2) maximum rms current at 10 khz, + 85 c, ? t = + 15 c, capacitance tolerlance ? 5 % (3) equivalent series resistance typical values at 10 khz (4) maximum tan ? values (5) standard dimension (6) 6 pins (7) intermediate capacitance values available on request 1000 12 2 24.0 12.0 31.5 27.5 - 50 100 3 - 16 - 40 - mkp1848s52010jk2a 15 5 27.0 15.0 42.0 37.5 10.2 25 125 4.5 4.5 16 11.5 105 90 mkp1848s55010jp*b 7 33.0 15.0 42.0 37.5 10.2 25 175 5.5 6 12 8 105 90 mkp1848s57010jp*b 10 33.0 15.0 57.5 52.5 20.3 12 120 5.5 6 13 10 160 140 mkp1848s61010jy*b 15 45.0 15.0 57.5 52.5 20.3 12 180 7.5 8 9 6.5 160 140 mkp1848s61510jy*b 20 (6) 62.0 15.0 57.5 52.5 20.3 12 240 - 11 - 5 - 140 mkp1848s62010jy6b 18 3 24.0 18.0 42.0 37.5 10.2 25 75 3.5 3.5 27 19 105 90 mkp1848s53010jp*c 5 27.0 18.0 42.0 37.5 10.2 25 125 4.5 5 16 11.5 105 90 mkp1848s55010jp*c 7 39.0 18.0 42.0 37.5 10.2 25 175 6.5 7 12 8 105 90 mkp1848s57010jp*c 10 39.0 18.0 42.0 37.5 10.2 25 250 7.5 8 8 6 105 90 mkp1848s61010jp*c 15 50.0 18.0 57.5 52.5 20.3 12 180 - 9 - 6.5 - 140 mkp1848s61510jy5c 20 50.0 18.0 57.5 52.5 20.3 12 240 - 10 - 5 - 140 mkp1848s62010jy5c 24 7 30.0 24.0 42.0 37.5 10.2 25 175 6.5 6.5 12 8 105 90 mkp1848s57010jp*f 10 39.0 24.0 42.0 37.5 10.2 25 250 8.5 9 8 6 105 90 mkp1848s61010jp*f 15 39.0 24.0 57.5 52.5 20.3 12 180 8 8.5 9 6.5 160 140 mkp1848s61510jy*f 20 39.0 24.0 57.5 52.5 20.3 12 240 9.5 10 7 5 160 140 mkp1848s62010jy*f 30 (6) 70.0 24.0 57.5 52.5 20.3 12 360 - 15.5 - 4 - 140 mkp1848s63010jy6f packaging information u ndc (v) hei g ht (mm) cap. (1) (f) ? dt orderin g code (1) mass (g) spq (3) (pcs) 500 12 5 0.8 mkp1848s55050jk2a 7 99 15 7 0.8 mkp1848s57050jk2b 10.5 90 10 1.0 mkp1848s61050jp*b 14 70 15 1.0 mkp1848s61550jp*b 18.5 56 20 1.2 mkp1848s62050jy*b 22.5 40 30 1.2 mkp1848s63050jy*b 31.5 30 50 (2) 1.2 mkp1848s65050jy6b 43 20 18 10 1.0 mkp1848s61050jp*c 15 77 15 1.0 mkp1848s61550jp*c 15.5 70 20 1.0 mkp1848s62050jp*c 25 49 30 1.2 mkp1848s63050jy*c 30.5 40 50 1.2 mkp1848s65050jy5c 41.5 25 24 20 1.0 mkp1848s62050jp*f 25 63 30 1.0 mkp1848s63050jp*f 32 49 50 1.2 mkp1848s65050jy*f 41.5 40 100 (2) 1.2 MKP1848S71050JY6F 78 20 electrical data and ordering code u ndc (v) hei g ht (mm) cap. (7) (f) dimension (5) (mm) p1 (mm) p2 (mm) dv/dt (v/s) i peak (a) i rms (2) (a) esr (3) (m ? ) tan ? 10 khz (< 10 -4 ) (4) orderin g code (1) wh l 2 pins 4 pins 2 pins 4 pins 2 pins 4 pins
mkp1848s dc-link www.vishay.com vishay roederstein revision: 19-mar-13 6 document number: 26010 for technical questions, contact: dc-film@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes (1) intermediate capacitance values available on request (2) 6 pins (3) spq = standard packing quantity 700 12 3 0.8 mkp1848s53070jk2a 6.5 99 15 5 0.8 mkp1848s55070jk2b 9 90 7 1.0 mkp1848s57070jp*b 12.5 70 10 1.0 mkp1848s61070jp*b 16 56 15 1.2 mkp1848s61570jy*b 21.5 40 20 1.2 mkp1848s62070jy*b 32.5 30 30 (2) 1.2 mkp1848s63070jy6b 43 20 18 7 1.0 mkp1848s57070jp*c 13 77 10 1.0 mkp1848s61070jp*c 15.5 70 15 1.0 mkp1848s61570jp*c 22 49 20 1.2 mkp1848s62070jy*c 29.5 40 30 1.2 mkp1848s62570jy5c 41.5 25 24 15 1.0 mkp1848s61570jp*f 21 63 20 1.0 mkp1848s62070jp*f 28.5 49 30 1.2 mkp1848s63070jy*f 39.5 40 50 (2) 1.2 mkp1848s65070jy6f 83 20 1000 12 2 0.8 mkp1848s52010jk2a 11 99 15 5 1.0 mkp1848s55010jp*b 13 70 7 1.0 mkp1848s57010jp*b 16.5 56 10 1.2 mkp1848s61010jy*b 21.5 40 15 1.2 mkp1848s61510jy*b 30 30 20 (2) 1.2 mkp1848s62010jy6b 45 20 18 3 1.0 mkp1848s53010jp*c 16.5 77 5 1.0 mkp1848s55010jp*c 16 70 7 1.0 mkp1848s57010jp*c 25.5 49 10 1.0 mkp1848s61010jp*c 21.5 49 15 1.2 mkp1848s61510jy5c 43.5 25 20 1.2 mkp1848s62010jy5c 43.5 25 24 7 1.0 mkp1848s57010jp*f 25 63 10 1.0 mkp1848s61010jp*f 33 49 15 1.2 mkp1848s61510jy*f 45.5 40 20 1.2 mkp1848s62010jy*f 39 40 30 (2) 1.2 mkp1848s63010jy6f 87 20 packaging information u ndc (v) hei g ht (mm) cap. (1) (f) ? dt orderin g code (1) mass (g) spq (3) (pcs)
mkp1848s dc-link www.vishay.com vishay roederstein revision: 19-mar-13 7 document number: 26010 for technical questions, contact: dc-film@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 construction description low inductive wound cell elements of metallized polypropylene film, potted with resin in a fl ame retardant case. specific method of mounting to withstand vibration and shock the capacitor unit is designed for mounting on a printed circuit board. in order to withstand vi bration and shock tests, it mus t be insured that the stand-off pips are in good contact with the printed circuit board. the capacitors shall be mechanically fix ed by the leads and the body clamped. space requirements on printed-circuit board for 2 pins products the maximum space for length (l max. ), width (w max. ) and height (h max. ) of film capacitors to take in account on the printed circuit board is shown in the drawings. for products with pitch = 37.5 mm, ? = 0.7 mm for l and w, and ? = 0 mm for h for products with pitch = 52.5 mm, ? = 1.0 mm for l and w, and ? = 0 mm for h eccentricity defined as in drawing. the ma ximum eccentricity is smalle r than or equal to the lead diameter of the product concerned. space requirements on printed-circuit board for multiple pins products the product height with seating plane as given by iec 60717 as reference: h max. = h . the maximum length and width of film capacitors is shown in the figure. soldering conditions for general soldering conditions and wave soldering profile we refe r to the document solderi ng conditions vishay film capacitors: www.vishay.com/doc?28171 storage temperature storage temperature: t stg = - 25 c to + 35 c with rh maximum 75 % without condensation ratings and characteristics reference conditions unless otherwise specified, all electrical values apply to an ambient temperature of 23 c 1 c, an atmospheric pressure of 86 kpa to 106 kpa and a relative humidity of 50 % 2 %. for reference testing, a conditio ning period shall be applied over 96 h 4 h by heating the products in a circulating air oven at the rated temperature and a relative humidity not exceeding 20 %. dimensions in millimeters p1 l max. w max. ? d h 37.5 i + 1.5 w + 1.8 1.5 h + 0.5 52.5 i + 1.8 w + 2.0 1.7 h + 0.5 eccentricity w max. = w + h max. = h + i max. = i + seating plane l max. p1 w max. p2 2 x p2 0.5 mm ? d
mkp1848s dc-link www.vishay.com vishay roederstein revision: 19-mar-13 8 document number: 26010 for technical questions, contact: dc-film@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 characteristics capacitance as a function of ambient temperature (typical) lifetime expectancy (typical) impedance vs . frequency (typical) insulation resistance as a function of ambient temperature (typical) maximum i rms current in function of ambient temperature impedance vs. frequency (typical) - 6 - 5 - 4 - 3 - 2 - 1 0 1 4 2 3 - 60 - 40 - 20 0 20 40 60 80 100 120 c/c (%) t amb (c) 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 10 3 10 4 10 5 10 6 u opdc /u ndc (v) lifetime expectancy (h) 70 c 85 c 105 c 0.001 0.01 0.1 1 10 z () f (hz) 5 f 10 f 20 f 30 f pitch 27. 5 mm pitch 37. 5 mm 10 4 10 5 10 6 10 7 10 3 10 5 10 4 0 20406080100 rc ( s ) t amb (c) 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 50 60 70 80 90 100 110 i rm s operational/i rm s max. maximum ambient temperature ( c) 0.001 0.01 0.1 1 10 z () f (hz) 20 f 50 f 100 f pitch 52. 5 mm 10 4 10 5 10 6 10 7
mkp1848s dc-link www.vishay.com vishay roederstein revision: 19-mar-13 9 document number: 26010 for technical questions, contact: dc-film@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 power dissipation and maximum component temperature rise the power dissipation must be limited in order not to exceed the maximum allowed component temperature rise as a function of the free air ambient temperature. the component temperature rise ( ? t) can be measured or calculated by ? t = p/g: ? ? t = t case - t ambient = case temperature rise (c) with a maximum of 15 c at rated temperature. ? p = i rms 2 x esr = power dissipation of the component (mw) ? g = heat conductivity of the component (mw/c) measuring the component temperature the case temperature is measured in unloaded condition (t amb ) and loaded condition (t c ). to avoid external thermal radiation or convection, the capaci tor must be tested in a closed area, free from air circulation. heat conductivity dimension (mm) heat conductivity (mw/c) wh l 24 12 31.5 21.5 27 15 31.5 26 27 15 42 33 33 15 42 38 24 18 42 33.5 27 18 42 36 39 18 42 47 30 24 42 45.5 39 24 42 54.5 33 15 57.5 48.5 45 15 57.5 61.5 62 15 57.5 80 35 18 57.5 55 50 18 57.5 72 39 24 57.5 68 70 24 57.5 106 thermocouple
mkp1848s dc-link www.vishay.com vishay roederstein revision: 19-mar-13 10 document number: 26010 for technical questions, contact: dc-film@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 application notes and limiting conditions these capacitors are not suitable for mains applications as ac ross-the-line capacitors withou t additional protection. these mains applications are strictly regulated in safety standards and therefore electromagnetic interference suppression capacitors conforming the standards must be used. to select the capacitor for a certain applicatio n, the following conditions must be checked: 1. the continuous peak voltage (u p+ ) shall not exceed the dc voltage rating (u ndc ) 2. the peak-to-peak ripple voltage (u pp ) shall not be greater than 0.2 x u ndc 3. for capacitors connected in parallel, normally the proof voltage and possibly the rated voltage mu st be reduced. for information depending of the capacitance value and the number of parallel connections contact dc-film@vishay.com . 4. the voltage peak slope (du/dt) shall not exceed the pulse slope at the dc voltage rating. if the pulse voltage is lower than the rated dc voltage, the rated voltage pulse slop e may be multiplied by u ndc and divided by the applied voltage. for all other pulses following equation must be fulfilled: t is the pulse duration note ? the capacitor unit may be subjected to the following surge without any significant reduction of lifetime expectancy maximum repetitive peak voltages repetitive sur g e volta g e maximum duration per day 1.1 x u ndc 30 % of on load duration 1.15 x u ndc 30 min 1.2 x u ndc 5 min 1.3 x u ndc 1 min 1.5 x u ndc 110 ms u p+ u p- t non rever s ing recurrent waveform voltage (v) u ndc 2 x du dt ------- ?? ?? 2 x dt < u ndc x du dt ------- ?? ?? rated 0 t ?
mkp1848s dc-link www.vishay.com vishay roederstein revision: 19-mar-13 11 document number: 26010 for technical questions, contact: dc-film@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 inspection requirements sub-clause number and test conditions performance requirements routine test - final inspection 5.14.2-1 external inspection, visual examination legible marking as specified 5.14.2-2 dimensions see specification drawing 5.3-1 capacitance 1 khz at room temperature see specific reference data 5.3-2 tan ? 1 khz at room temperature 10 khz at room temperature see specific reference data 5.5.1-2 voltage test between terminals 1.5 x u ndc at t amb duration: 10 s no visible damage or puncture no flashover 5.7 insulation resistance u ndc ? 500 v measuring voltage 100 v at room temperature u ndc > 500 v measuring voltage 500 v at room temperature duration: 1 min see specific reference data type tests 5.14.2 external inspection check for finish, marking and overall dimensions legible marking and finish as specified dimensions: see spec ification drawing 5.14.0 initial measurements capacitance at 1 khz tan ? at 10 khz 5.14.1-1/4 robustness of terminations iec 60068-2-21 tensile ua1 wire diameter section modulus load ? 0.8 mm ? 0.5 mm 2 10 n ? 1.25 mm ? 1.2 mm 2 20 n duration: 10 s 1 s bending, ub method 1 wire diameter section modulus load ? 0.8 mm ? 0.5 mm 2 10 n ? 1.25 mm ? 1.2 mm 2 20 n 4 x 90, duration: 2 s to 3 s/bend 5.14.1-6 resistance to soldering heat iec 60068-2-20 no pre-drying, method 1a solder bath: 260 c 5 c duration: 10 s 1 s 5.14.4 final measuremen ts capacitance tan ? | ? c/c| ? 0.5 % increase of tan ? ? 0.0050 compared to the values measured in 5.14.0 5.14.0 initial measurements capacitance at 1 khz tan ? at 10 khz 5.14.3-1 vibration iec 60068-2-6 10 hz to 55 hz; amplitude 0.35 mm or acceleration 98 m/s 2 test duration: 10 frequency cycles 3 axes offset from each other by 90 1 octave/min visual examination no visible damage
mkp1848s dc-link www.vishay.com vishay roederstein revision: 19-mar-13 12 document number: 26010 for technical questions, contact: dc-film@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 5.14.3-2 shock or impact iec 60068-2-6 pulse shape: half sine acceleration: 490 m/s2 duration of pulse: 11 ms visual examination no visible damage 5.14.4 final measuremen ts capacitance tan ? | ? c/c| ? 0.5 % increase of tan ? ? 0.0050 compared to the values measured in 5.14.0 5.5.3-1 initial measurements capacitance at 1 khz tan ? at 10 khz r insulation 5.5.3-2 voltage test between terminals 1.5 x u ndc at t amb duration: 60 s 5.5.3-3 final measuremen ts capacitance tan ? r insulation | ? c/c| ? 0.5 % increase of tan ? ? 0.0050 r insulation ? 50 % of specified values 5.9-1 initial measurements capacitance at 1 khz tan ? at 10 khz 5.9-2 surge discharge test 1.1 x u ndc number of discharges: 5 time lapse: every 2 min (10 min total) 5.9-2 voltage test between terminals within 5 min after the surge discharge test duration: 60 s 1.5 x u ndc at t amb 5.9-3 final measuremen ts capacitance tan ? at 10 khz | ? c/c| ? 1.0 % tan ? ? 1.2 x initial tan ? + 0.0001 compared to the values measured in 5.9-1 5.11-1 initial measurements capacitance at 1 khz tan ? at 10 khz 5.11-2 self healing test 1.5 x u ndc duration: 10 s number of clearings ? 5 clearing = voltage drop of 5 % increase the voltage at 100 v/s till 5 clearings occur with a max. of 2.5 x u ndc for a duration of 10 s 5.11-3 final measuremen ts capacitance tan ? | ? c/c| ? 0.5 % tan ? ? 1.2 x initial tan ? + 0.0001 compared to the values measured in 5.11-1 inspection requirements sub-clause number and test conditions performance requirements
mkp1848s dc-link www.vishay.com vishay roederstein revision: 19-mar-13 13 document number: 26010 for technical questions, contact: dc-film@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 5.13-0 initial measurements capacitance at 1 khz tan ? at 10 khz 5.13-1 change of temperature according to iec 60682-2-14 test nb t max. = 85 c t min. = - 40 c transition time: 1 h, equivalent to 1 c/min 5 cycles 5.13-2 damp heat steady state according to iec 60682-2-78 test ca t max. = 40 c + 2 c rh = 93 % 3 % duration: 56 days 5.5.3-2 voltage test between terminals 1.5 x u ndc at ambient temperature duration: 60 s 5.13-3 final measurements visual examinat ion no puncturing or flashover self healing punctures are permitted capacitance tan ? at 1 v rms 10 khz | ? c/c| ? 2.0 % increase of tan ? ? 0.0150 compared to the values measured in 5.13-0 5.10.0 initial measurements capacitance at 1 khz tan ? at 10 khz 5.10-1 thermal stability test under overload conditions natural cooling t amb 5 c 1.21 x p max. = (u 2 /2) x w 2 x c x tan ? = 1.21 x (i 2 max. /w 2 x c) x tan ? with w 2 = 2 x p x f 2 for i max. (see specific reference data) f 2 = 10 khz duration: 48 h 5.10-2 final measurements measure the temperature every 1.5 h during the last 6 h temperature rise ? 1 c | ? c/c| ? 2.0 % increase of tan ? ? 1.2 x initial ? + 0.0150 5.12 resonance frequency measurement impedance analyser at t amb < 0.9 times the value as specified in typical curve resonant frequency of this specification inspection requirements sub-clause number and test conditions performance requirements
mkp1848s dc-link www.vishay.com vishay roederstein revision: 19-mar-13 14 document number: 26010 for technical questions, contact: dc-film@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note ? sub-clause numbers of tests and performance requirements refer to the s ectional specificatio n, iec-publication 61071 5.15-0 initial measurements capacitance at 1 khz tan ? at 10 khz 5.15-1 endurance test betwee n terminals sequence: 1.3 x u ndc at 85 c 1.3 x u opdc at 105 c duration: 500 h 1000 x discharge at 1.4 x i peak (maximum respective peak current in continuous operation) 1.3 x u ndc at 85 c 1.3 x u opdc at 105 c duration: 500 h 5.15-2 final measurement capacitance tan ? | ? c/c| ? 3.0 % increase of tan ? ? 0.0150 compared to the values measured in 5.15-0 5.16.3-0 initial measurements capacitance at 1 khz 5.16.3-1 desctruction test sequence high dc voltage test t max. = 85 c product enveloped with cheese cloth 3 x u ndc for dc voltage until repetitive prod uct healings occur duration = 15 min audible healings or check healings with oscilloscope high ac voltage test ac rms voltage = u ndc /2 ? 2 with minimum of 250 v ac duration = 5 min repeat destructio n sequence 3 x 5.16.3-2 final measurements visual examination no p uncturing, flas hover or burning of the cheese cloth self healing punctures are permitted inspection requirements sub-clause number and test conditions performance requirements
legal disclaimer notice www.vishay.com vishay revision: 13-jun-16 1 document number: 91000 disclaimer ? all product, product specifications and data ar e subject to change with out notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of th e products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product , (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all implied warranties, includ ing warranties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain types of applicatio ns are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular applic ation. it is the customers responsibility to validate tha t a particular product with the prope rties described in the product sp ecification is suitable for use in a particular application. parameters provided in datasheets and / or specifications may vary in different ap plications and perfor mance may vary over time. all operating parameters, including ty pical parameters, must be va lidated for each customer application by the customer s technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product could result in personal injury or death. customers using or selling vishay product s not expressly indicated for use in such applications do so at their own risk. please contact authorized vishay personnel to obtain writ ten terms and conditions rega rding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of MKP1848S71050JY6F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X